Part Number Hot Search : 
IRFBF20 32017 250254B SAA6579 53259 SAA1305T PB314006 93C46
Product Description
Full Text Search
 

To Download SMZ100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  complete voltage range 1 to 200 volts high peak reverse power dissipation high reliability low leakage current case : melf molded plastic epoxy : ul94v-o rate flame retardant lead : lead formed for surface mount polarity : color band denotes cathode end mounting position : any weight : 0.1296 grams maximum ratings rating at 25 c ambient temperature unless otherwise specified rating symbol value unit dc power dissipation at t l = 75 c (note1) p d 2.0 w maximum forward voltage at i f = 200 ma v f 1.2 v junction temperature range tj - 50 to + 150 c storage temperature range ts - 50 to + 175 c note : (1) t l = lead temperature at 5.0 mm 2 ( 0.013 mm thick ) copper land areas. 0 25 50 75 100 125 150 175 t l, lead temperature ( c) 0.5 1.0 1.5 2.0 2.5 p d , maximum dissipation (watts) fig. 1 power temperature derating curve 5.0 mm 2 ( 0.013 mm thick ) copper land areas. pb / rohs free features mechanical data ? ? ? ? ? ? ? ? ? ? ? dimensions in inches and (millimeters) melf v z : 1 - 200 volts p d : 2 watts smz1-smz200 surface mount silicon-zener diodes
electrical characteristics rating at 25 c ambient temperature unless otherwise specified type zener voltage 2 ) i z = i ztest v zmin [v] v zmax test cur. i ztest [ma] dyn. resistance i ztest / 1 khz r zj [ ? ] temp. coeffiz. of z-voltage vz [10 -4 /c] reverse volt. i r = 1 a v r [v] z-current 1 ) t a = 50c i zmax [ma] smz1-smz200 surface mount silicon-zener diodes smz 1 3 ) 0 .71 0 .82 100 0.5 (<1) ?26??16 ? 1000 smz 3.9 3 .7 4.1 100 4 (<7) ?7?+2 ? 488 smz 4.3 4 .0 4.6 100 4 (<7) ?7?+3 ? 435 smz 4.7 4 .4 5.0 100 4 (<7) ?7?+4 ? 400 smz 5.1 4 .8 5.4 100 2 (<5) ?6?+5 ? 370 smz 5.6 5 .2 6.0 100 1 (<3) ?3?+5 > 1.5 333 smz 6.2 5 .8 6.6 100 1 (<2) ?1?+6 > 1.5 303 smz 6.8 6 .4 7.2 100 1 (<2) 0?+7 > 2 278 smz 7.5 7 .0 7.9 100 1 (<2) 0?+7 > 2 253 smz 8.2 7 .7 8.7 100 1 (<2) +3?+8 > 3.5 230 smz 9.1 8 .5 9.6 5 0 2 (<4) +3?+8 > 3.5 208 smz 10 9.4 10.6 5 0 2 (<4) +5?+9 > 5 189 smz 11 10.4 11.6 5 0 4 (<7) +5?+10 > 5 172 smz 12 11.4 12.7 5 0 4 (<7) +5?+10 > 7 157 smz 13 12.4 14.1 5 0 5 (<10) +5?+10 > 7 142 smz 15 13.8 15.6 5 0 5 (<10) +5?+10 > 10 128 smz 16 15.3 17.1 2 5 6 (<15) +6?+11 > 10 117 smz 18 16.8 19.1 2 5 6 (<15) +6?+11 > 10 105 smz 20 18.8 21.2 2 5 6 (<15) +6?+11 > 10 94 smz 22 20.8 23.3 2 5 6 (<15) +6?+11 > 12 86 smz 24 22.8 25.6 2 5 7 (<15) +6?+11 > 12 78 smz 27 25.1 28.9 2 5 7 (<15) +6?+11 > 14 69 smz 30 28 32 25 8 (<15) +6?+11 > 14 63 smz 33 31 35 25 8 (<15) +6?+11 > 17 57 smz 36 34 38 10 16 (<40) +6?+11 > 17 53 smz 39 37 41 10 20 (<40) +6?+11 > 20 49 smz 43 40 46 10 24 (<45) +7?+12 > 20 43 smz 47 44 50 10 24 (<45) +7?+12 > 24 40 smz 51 48 54 10 25 (<60) +7?+12 > 24 37 smz 56 52 60 10 25 (<60) +7?+12 > 28 33 smz 62 58 66 10 25 (<80) +8?+13 > 28 30 smz 68 64 72 10 25 (<80) +8?+13 > 34 28 smz 75 70 79 10 30 (<100) +8?+13 > 34 25 smz 82 77 88 10 30 (<100) +8?+13 > 41 23 smz 91 85 96 5 40 (<200) +9?+13 > 41 21 smz 100 94 106 5 60 (<200) +9?+13 > 50 19 smz 110 104 116 5 80 (<250) +9?+13 > 50 17 smz 120 114 127 5 80 (<250) +9?+13 > 60 16 smz 130 124 141 5 90 (<300) +9?+13 > 60 14 smz 150 138 156 5 100 (<300) +9?+13 > 75 13 smz 160 153 171 5 110 (<350) +9?+13 > 75 12 smz 180 168 191 5 120 (<350) +9?+13 > 90 10 smz 200 188 212 5 150 (<350) +9?+13 > 90 9


▲Up To Search▲   

 
Price & Availability of SMZ100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X